Part Number Hot Search : 
ADC100 83905 W47K25V5 L6372 B270011 TVS324SM 0000MH GFC914
Product Description
Full Text Search
 

To Download RL101F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0 amp fast recovery rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at ta=75 c fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current ta=25 c at rated dc blocking voltage t a=100 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) RL101F rl102f rl103f rl104f rl105f rl106f rl107f units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 1.0 30 5.0 100 15 -65 +150 v a a v ns pf notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * low leakage current * high reliability * high current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any * weight: 0.22 grams RL101F thru rl107f 1.3 250 500 150 vol t age range 50 to 1000 volts current 1.0 ampere a-405 dimensions in inches and (millimeters) 1.0(25.4) min. 1.0(25.4) min. .205(5.2) .166(4.2) .025(.6) .021(.5) dia. .107(2.7) .080(2.0) dia. operating and storage temperature range t j , t stg c a a
0.1 1.0 .01 10 50 rating and characteristic curves (RL101F thru rl107f) characteristics fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.2 0.4 0.6 0.8 1.0 1.2 35 30 25 20 15 10 5 0 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 d.u.t. .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 3.0 fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.4-maximum non-repetitive forward surge current 10 0 20 30 40 50 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 20 40 60 80 100 120 140 160 180 200 0 ambient temperature,( c) fig.1-typical forward


▲Up To Search▲   

 
Price & Availability of RL101F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X